PART |
Description |
Maker |
MMUN2134LT1 MMUN2111LT1 MMUN2112LT1 MMUN2113LT1 MM |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network SSP PNP PNP SILICON BIAS RESISTOR TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ONSEMI[ON Semiconductor]
|
DTA143EM3T5G |
Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
DTA114EM3T5G DTA144WM3T5G DTA114TM3T5G DTA114YM3T5 |
Digital Transistors (BRT)(数字晶体管(BRT 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR Digital Transistors(BRT) Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
|
ONSEMI[ON Semiconductor]
|
2SB1508 2SD2281 |
PNP Epitaxial Planar Silicon Transistors 50V/12A High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1580 2SC4104 |
PNP Epitaxial Planar Silicon Transistors High-Definition CRT Display Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1469 2SC3746 |
PNP Epitaxial Planar Silicon Transistors 60V/5A High-Speed Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1973 2SC5310 2SA1973-5 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset PNP/NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications NPN Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
2SA1824 |
PNP Epitaxial Planar Silicon Transistors 50V/5A Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1204 2SD1804 |
NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1521 2SC3915 |
PNP Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors NPN Epitaxial Planar Silicon Transistors Switching Applications (with Bias Resistance)
|
Sanyo
|
BSV16 BSV17-10 BSV16-10 BSV16-6 BSV17 BSV17-6 Q627 |
PNP SILICON PLANAR TRANSISTORS CHOKE RF CONFORMAL COATED 27UH PNP SILICON PLANAR TRANSISTORS 进步党硅平面型晶体管
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|